データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F103VG データシート(PDF) 31 Page - STMicroelectronics

部品番号 STM32F103VG
部品情報  XL-density performance line ARM-based 32-bit MCU with 768 KB to 1 MB Flash, USB
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103VG データシート(HTML) 31 Page - STMicroelectronics

Back Button STM32F103VG Datasheet HTML 27Page - STMicroelectronics STM32F103VG Datasheet HTML 28Page - STMicroelectronics STM32F103VG Datasheet HTML 29Page - STMicroelectronics STM32F103VG Datasheet HTML 30Page - STMicroelectronics STM32F103VG Datasheet HTML 31Page - STMicroelectronics STM32F103VG Datasheet HTML 32Page - STMicroelectronics STM32F103VG Datasheet HTML 33Page - STMicroelectronics STM32F103VG Datasheet HTML 34Page - STMicroelectronics STM32F103VG Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 120 page
background image
STM32F103xF, STM32F103xG
Pinouts and pin descriptions
Doc ID 16554 Rev 3
31/120
M6
-
-
54
PF14
I/O FT
PF14
FSMC_A8
L6
-
-
55
PF15
I/O FT
PF15
FSMC_A9
K6
-
-
56
PG0
I/O FT
PG0
FSMC_A10
J6
-
-
57
PG1
I/O FT
PG1
FSMC_A11
M7
-
38 58
PE7
I/O FT
PE7
FSMC_D4
TIM1_ETR
L7
-
39 59
PE8
I/O FT
PE8
FSMC_D5
TIM1_CH1N
K7
-
40 60
PE9
I/O FT
PE9
FSMC_D6
TIM1_CH1
H6
-
-
61
VSS_7
SVSS_7
G6
-
-
62
VDD_7
SVDD_7
J7
-
41 63
PE10
I/O FT
PE10
FSMC_D7
TIM1_CH2N
H8
-
42 64
PE11
I/O FT
PE11
FSMC_D8
TIM1_CH2
J8
-
43 65
PE12
I/O FT
PE12
FSMC_D9
TIM1_CH3N
K8
-
44 66
PE13
I/O FT
PE13
FSMC_D10
TIM1_CH3
L8
-
45 67
PE14
I/O FT
PE14
FSMC_D11
TIM1_CH4
M8
-
46 68
PE15
I/O FT
PE15
FSMC_D12
TIM1_BKIN
M9 29 47 69
PB10
I/O FT
PB10
I2C2_SCL / USART3_TX(7)
TIM2_CH3
M10 30 48 70
PB11
I/O FT
PB11
I2C2_SDA / USART3_RX(7)
TIM2_CH4
H7 31 49 71
VSS_1
SVSS_1
G7 32 50 72
VDD_1
SVDD_1
M11 33 51 73
PB12
I/O FT
PB12
SPI2_NSS / I2S2_WS /
I2C2_SMBA / USART3_CK(7) /
TIM1_BKIN(7)
M12 34 52 74
PB13
I/O FT
PB13
SPI2_SCK / I2S2_CK /
USART3_CTS(7) / TIM1_CH1N
L11 35 53 75
PB14
I/O FT
PB14
SPI2_MISO / TIM1_CH2N /
USART3_RTS(7)/ TIM12_CH1
L12 36 54 76
PB15
I/O FT
PB15
SPI2_MOSI / I2S2_SD /
TIM1_CH3N(7) / TIM12_CH2
L9
-
55 77
PD8
I/O FT
PD8
FSMC_D13
USART3_TX
K9
-
56 78
PD9
I/O FT
PD9
FSMC_D14
USART3_RX
J9
-
57 79
PD10
I/O FT
PD10
FSMC_D15
USART3_CK
H9
-
58 80
PD11
I/O FT
PD11
FSMC_A16
USART3_CTS
L10
-
59 81
PD12
I/O FT
PD12
FSMC_A17
TIM4_CH1 /
USART3_RTS
Table 5.
STM32F103xF and STM32F103xG pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More