データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS358 データシート(PDF) 13 Page - BCD Semiconductor Manufacturing Limited

部品番号 AS358
部品情報  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BCDSEMI [BCD Semiconductor Manufacturing Limited]
ホームページ  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS358 データシート(HTML) 13 Page - BCD Semiconductor Manufacturing Limited

Back Button AS358_13 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS358_13 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AS358_13 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AS358_13 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AS358_13 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AS358_13 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AS358_13 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AS358_13 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AS358_13 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AS358/358A
13
BCD Semiconductor Manufacturing Limited
Jan. 2013 Rev. 2. 2
Data Sheet
Mechanical Dimensions (Continued)
SOIC-8
Unit: mm(inch)
φ
0°
8°
1°
5°
R0.150(0.006)
1.000(0.039)
0.330(0.013)
0.510(0.020)
1.350(0.053)
1.750(0.069)
0.100(0.004)
0.300(0.012)
0.900(0.035)
0.800(0.031)
0.200(0.008)
3.800(0.150)
4.000(0.157)
7°
7°
20:1
D
1.270(0.050)
TYP
0.190(0.007)
0.250(0.010)
8°
D
5.800(0.228)
6.200(0.244)
0.675(0.027)
0.725(0.029)
0.320(0.013)
8°
0.450(0.017)
0.800(0.031)
4.700(0.185)
5.100(0.201)
Note: Eject hole, oriented hole and mold mark is optional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16