| データシートサーチシステム |
|
V23138-R1005-A403 データシート(PDF) 1 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
V23138-R1005-A403 データシート(HTML) 1 Page - Tyco Electronics |
|
1 / 5 page ![]() Single Nano Relay (THT – THR) PCB Relays Single Relays Catalog 1308028-2 Revised 8-2009 All specifications subject to change. Consult Tyco Electronics for latest specifications. 106 Features – Smallest automotive PCB relay in its class: • Minimum PCB area required: 81 mm2 • Dimensions: L x H x W (mm) 10.2 x 14.0 x 8 • Minimal height: 14.0 mm • Minimal weight – First automotive relay using overmolding technology – Highest reliability due to overmolding process – Limiting continuous current 30 A – Very easy routing of PCB-layout – Power-saving high- impedance coil – Low noise operation – Wave (THT) and reflow (THR/pin-in-paste) solderable versions – For twin version refer to Nano Relay Typical Applications – Car alarm – Door lock – Heated rear screen – Horn – Immobilizer – Interior lights – Seat control Please contact Tyco Electronics for relay application support. Design – ELV/ RoHS/ WEEE compliant – THT: sealed type washable – THR: sealed type open vent hole Weight Approx. 4 g (0.14 oz.) Nominal Voltage 12 V Terminals PCB terminals for assembly on printed circuit boards Conditions All parametric, environmental and endurance tests are performed according to EIA Standard RS-407-A at standard test conditions unless otherwise noted: 23°C ambient temperature, 20 - 50% RH, 998.9 ±33.9 hPa. For general storage and processing recommendations please refer to our Application Notes and especially to Storage in the “Glossary” page 23 or at http://relays.tycoelectronics.com/ appnotes/ 138_C-R1_3D1 Disclaimer All technical performance data apply to the relay as such, specific conditions of the individual application are not considered. Please always check the suitability of the relay for your intended purpose. We do not assume any responsibility or liability for not complying herewith. We recommend to complete our questionnaire and to request our technical service. Any responsibility for the application of the product remains with the customer only. All specifications are subject to change without notification. All rights of Tyco Electronics are reserved. |
同様の部品番号 - V23138-R1005-A403 |
|
同様の説明 - V23138-R1005-A403 |