データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-M456 データシート(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HCPL-M456
部品情報  Small Outline, 5 Lead Intelligent Power Module Optocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-M456 データシート(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-M456 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-M456 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-M456 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-M456 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-M456 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-M456 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-M456 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-M456 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-M456 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Ordering Information
HCPL-M456 is UL Recognized with 3750 Vrms for 1 minute per UL1577.
Part number
Option
Package Surface Mount
Tape
& Reel
IEC/EN/DIN
EN 60747-5-2 Quantity
RoHS
Compliant
Non RoHS
Compliant
HCPL-M456
-000E
No option
SO-5
X
100 per tube
-500E
#500
X
X
1500 per reel
-060E
-060
X
X
100 per tube
-560E
-560
X
X
X
1500 per reel
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
Example 1:
HCPL-M456-560E to order product of SO-5 Surface Mount package in Tape and Reel packaging with IEC/EN/DIN EN
60747-5-2 Safety Approval in RoHS compliant.
Example 2:
HCPL-M456 to order product of SO-5 Surface Mount package in tube packaging and non RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.
Remarks: The notation ‘#XXX’is used for existing products, while (new) products launched since 15th July 2001 and RoHS
compliant option will use ‘-XXXE‘.
HCPL-M456 Outline Drawing
Pin Location (for reference only)
MXXX
XXX
6
5
4
3
1
7.0 ± 0.2
(0.276 ± 0.008)
2.5 ± 0.1
(0.098 ± 0.004)
0.102 ± 0.102
(0.004 ± 0.004)
VCC
VOUT
GND
CATHODE
ANODE
4.4 ± 0.1
(0.173 ± 0.004)
1.27
(0.050)
BSC
0.15 ± 0.025
(0.006 ± 0.001)
0.71
(0.028)
MIN
0.4 ± 0.05
(0.016 ± 0.002)
3.6 ± 0.1*
(0.142 ± 0.004)
Dimensions in millimeters (inches)
* Maximum mold flash on each side is 0.15 mm (0.006)
Note: Floating lead protrusion is 0.15 mm (6 mils) max.
TYPE NUMBER (LAST 3 DIGITS)
DATE CODE
7° MAX.
MAX. LEAD COPLANARITY
= 0.102 (0.004)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com