データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

K460 データシート(PDF) 53 Page - Switchcraft, Inc.

部品番号 K460
部品情報  Pro Audio & Broadcast Catalog Sixth Edition
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SWITCH [Switchcraft, Inc.]
ホームページ  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

K460 データシート(HTML) 53 Page - Switchcraft, Inc.

Back Button K460 Datasheet HTML 49Page - Switchcraft, Inc. K460 Datasheet HTML 50Page - Switchcraft, Inc. K460 Datasheet HTML 51Page - Switchcraft, Inc. K460 Datasheet HTML 52Page - Switchcraft, Inc. K460 Datasheet HTML 53Page - Switchcraft, Inc. K460 Datasheet HTML 54Page - Switchcraft, Inc. K460 Datasheet HTML 55Page - Switchcraft, Inc. K460 Datasheet HTML 56Page - Switchcraft, Inc. K460 Datasheet HTML 57Page - Switchcraft, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 101 page
background image
Ordering Information
Part Number
Description
EHBNC2
BNC to BNC
EHBNCSC
BNC to solder cup
EHRCA2
RCA to RCA
EHRCABNC
RCA to BNC
EHUSB2
USB to USB
EH13942
IEEE1394 to IEEE1394
EHCAT62
Cat6 to Cat6
CONNECTORS
EH Series Receptacles
The EH Series consist of different
styles of popular connectors in our
E Series housing. This allows the
end user to punch one single hole
size and populate wall plates, gang
assemblies with different types of
connectors. Connector styles
include BNC feed-throughs, RCA
feed-throughs, USB feed-throughs,
IEEE 1394 Firewire feed-throughs,
BNC to solder cup, and RCA to
BNC.
Features
• Utilizes same panel cut-out as E
Series QG connectors
• Rugged metal shells
• Available with a wide variety of
popular feed-through
connectors
EHBNC2
EHRCA2
52
Note: For black finish add 'B' suffix
See Page 55 for Mechanical Drawings
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More