| データシートサーチシステム |
|
ADP5052ACPZ-R7 データシート(PDF) 1 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5052ACPZ-R7 データシート(HTML) 1 Page - Analog Devices |
|
1 / 40 page ![]() 5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator Data Sheet ADP5052 Rev. 0 Document Feedback Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 ©2013 Analog Devices, Inc. All rights reserved. Technical Support www.analog.com FEATURES Wide input voltage range: 4.5 V to 15 V ±1.5% output accuracy over full temperature range 250 kHz to 1.4 MHz adjustable switching frequency Adjustable/fixed output options via factory fuse Power regulation Channel 1 and Channel 2: programmable 1.2 A/2.5 A/4 A sync buck regulators with low-side FET driver Channel 3 and Channel 4: 1.2 A sync buck regulators Channel 5: 200 mA low dropout (LDO) regulator Always alive 5.1 V LDO supply for tiny load demand Single 8 A output (Channel 1 and Channel 2 operated in parallel) Precision enable with 0.8 V accurate threshold Active output discharge switch FPWM or automatic PWM/PSM mode selection Frequency synchronization input or output Optional latch-off protection on OVP/OCP failure Power-good flag on selected channels UVLO, OCP, and TSD protection 48-lead, 7 mm × 7 mm LFCSP package −40°C to +125°C junction temperature APPLICATIONS Small cell base stations FPGA and processor applications Security and surveillance Medical applications TYPICAL APPLICATION CIRCUIT CHANNEL 2 BUCK REGULATOR (1.2A/2.5A/4A) CHANNEL 3 BUCK REGULATOR (1.2A) OSCILLATOR INT VREG 100mA Q1 Q2 L1 L2 VREG SYNC/MODE RT FB1 BST1 SW1 DL1 PGND DL2 SW2 BST2 FB2 L3 BST3 SW3 FB3 PGND3 L4 BST4 SW4 FB4 PGND4 VREG PVIN1 COMP1 EN1 PVIN2 COMP2 EN2 PVIN3 PWRGD SS34 COMP3 EN3 PVIN4 COMP4 EN4 C2 C1 C4 C3 C5 C6 C7 C8 C9 C10 C11 C12 C13 4.5V TO 15V VOUT1 VOUT2 VOUT3 VOUT4 RILIM1 RILIM2 VREG EXPOSED PAD SS12 C0 VDD CHANNEL 5 200mA LDO REGULATOR FB5 PVIN5 EN5 VOUT5 C14 C15 VOUT5 1.7V TO 5.5V ADP5052 CHANNEL 1 BUCK REGULATOR (1.2A/2.5A/4A) CHANNEL 4 BUCK REGULATOR (1.2A) Figure 1. GENERAL DESCRIPTION The ADP5052 combines four high performance buck regulators and one 200 mA low dropout (LDO) regulator in a 48-lead LFCSP package that meets demanding performance and board space requirements. The device enables direct connection to high input voltages up to 15 V with no preregulators. Channel 1 and Channel 2 integrate high-side power MOSFETs and low-side MOSFET drivers. External NFETs can be used in low-side power devices to achieve an efficiency optimized solution and deliver a programmable output current of 1.2 A, 2.5 A, or 4 A. Combining Channel 1 and Channel 2 in a parallel configuration can provide a single output with up to 8 A of current. Channel 3 and Channel 4 integrate both high-side and low-side MOSFETs to deliver output current of 1.2 A. The switching frequency of the ADP5052 can be programmed or synchronized to an external clock. The ADP5052 contains a precision enable pin on each channel for easy power-up sequencing or adjustable UVLO threshold. The ADP5052 integrates a general-purpose LDO regulator with low quiescent current and low dropout voltage that provides up to 200 mA of output current. |
同様の部品番号 - ADP5052ACPZ-R7 |
|
同様の説明 - ADP5052ACPZ-R7 |