| データシートサーチシステム |
|
VLMP23L2M2-GS08 データシート(PDF) 1 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
VLMP23L2M2-GS08 データシート(HTML) 1 Page - Vishay Siliconix |
|
1 / 9 page ![]() VLMP23.. www.vishay.com Vishay Semiconductors Rev. 1.3, 22-May-13 1 Document Number: 81704 For technical questions, contact: LED@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Mini SMD LED DESCRIPTION The new MiniLED series have been designed in a small white SMT package. The feature of the device is the very small package 2.3 mm x 1.3 mm x 1.4 mm. The MiniLED is an obvious solution for small-scale, high-power products that are expected to work reliable in an arduous environment. This is often the case in automotive and industrial application. PRODUCT GROUP AND PACKAGE DATA • Product group: LED • Package: SMD MiniLED • Product series: standard • Angle of half intensity: ± 60° FEATURES • SMD LEDs with exceptional brightness • Luminous intensity categorized • Compatible with automatic placement equipment • IR reflow soldering • Available in 8 mm tape • Low profile package • Non-diffused lens: Excellent for coupling to light pipes and backlighting • Low power consumption • Luminous intensity ratio in one packaging unit IVmax./IVmin. 1.6 • AEC-Q101 qualified • Material categorization: For definitions of compliance please see www.vishay.com/doc?99912 APPLICATIONS • Automotive: Backlighting in dashboards and switches • Telecommunication: Indicator and backlighting in telephone and fax • Indicator and backlight for audio and video equipment • Indicator and backlight in office equipment • Flat backlight for LCDs, switches, and symbols Note (1) Driving the LED in reverse direction is suitable for short term application 19226 PARTS TABLE PART COLOR LUMINOUS INTENSITY (mcd) at IF (mA) WAVELENGTH (nm) at IF (mA) FORWARD VOLTAGE (V) at IF (mA) TECHNOLOGY MIN. TYP. MAX. MIN. TYP. MAX. MIN. TYP. MAX. VLMP23K2M2-GS08 Pure green 9 - 28 20 555 560 565 20 - 2.2 2.6 20 AlInGaP on GaAs VLMP23L2M2-GS08 Pure green 14 - 28 20 555 560 565 20 - 2.2 2.6 20 AlInGaP on GaAs ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified) VLMP23.. PARAMETER TEST CONDITION SYMBOL VALUE UNIT Reverse voltage (1) VR 5V DC forward current Tamb 80 °C IF 30 mA Surge forward current tp 10 μs IFSM 0.1 A Power dissipation PV 80 mW Junction temperature Tj 125 °C Operating temperature range Tamb - 40 to + 100 °C Storage temperature range Tstg - 40 to + 100 °C Thermal resistance junction/ambient Mounted on PC board (pad size > 5 mm2)RthJA 580 K/W |
同様の部品番号 - VLMP23L2M2-GS08 |
|
同様の説明 - VLMP23L2M2-GS08 |