| データシートサーチシステム |
|
MS-101007 データシート(PDF) 3 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
MS-101007 データシート(HTML) 3 Page - Amphenol Corporation |
|
3 / 40 page ![]() Introduction Page Contents 1 2-3 4 5 6 7-18 19-25 26-29 30-33 34 35 Introduction Connector styles General description Electrical data Insert orientations Insert arrangements Shell types Back accessories Other accessories MS/97B Series Ordering MS/97B series connectors Amphenol MS and 97B series are two series of thread & Bayonet- coupled connectors designed to meet the operating requirements of MIL-C-5015. Available in a variety of styles and classes, these connectors are primarily used in a range of military and industrial applications where specific degrees of environmental protection are required. Although MS series have identical insert arrangements and other similar component parts, the two series differ in that Amphenol MS series of connectors are also qualified to meet the operating requirements of Defence Standard Joint Services Specification JSS50812, issued by the Electronics Components Standardization Organisation (LCSO). Amphenol 97B connectors feature a quick mating bayonet coupling with an audible full mating feature. This series uses the same MIL-C-5015 insert patterns and are used in high shock and vibration environments encountered in commercial, geophysical, aerospace, ground support and shipboard applications. AMPHENOL 1 MS And 97B Series |