| データシートサーチシステム |
|
LGSOT05CLT1G データシート(PDF) 4 Page - Leshan Radio Company |
|
|
|||||||||||||||||||||||||||||
LGSOT05CLT1G データシート(HTML) 4 Page - Leshan Radio Company |
|
4 / 5 page ![]() Application Note Electrostatic discharge (ESD) is a major cause of failure in electronic systems. Transient Voltage Suppressors (TVS) are an ideal choice for ESD protection. They are capable of clamping the incoming transient to a low enough level such that damage to the protected semiconductor is prevented. Surface mount TVS arrays offer the best choice for minimal lead inductance. They serve as parallel protection elements, connected between the signal line to ground. As the transient rises above the operating voltage of the device, the TVS array becomes a low impedance path diverting the transient current to ground. The array is the ideal board evel protection of ESD sensitive semiconductor components. The tiny SOT23 package allows design flexibility in the design of high density boards where the space saving is at a premium. This enables to shorten the routing and contributes to hardening againt ESD. LESHAN RADIO COMPANY, LTD. LGSOT05CLT1G LGSOT05CLT1G Rev.O 4/5 |