| データシートサーチシステム |
|
STM32F102xB データシート(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F102xB データシート(HTML) 57 Page - STMicroelectronics |
|
57 / 76 page ![]() STM32F102x8, STM32F102xB Electrical characteristics Doc ID 15056 Rev 4 57/76 Table 39. I2C characteristics Symbol Parameter Standard mode I2C(1) 1. Values guaranteed by design, not tested in production. Fast mode I2C(1)(2) 2. fPCLK1 must be at least 2 MHz to achieve the maximum standard mode I 2C frequencies. It must be higher than 4 MHz to achieve the maximum fast mode I2C frequencies, and be a multiple of 10MHz to reach the I2C fast mode maximum clock speed of 400 KHz. Unit Min Max Min Max tw(SCLL) SCL clock low time 4.7 1.3 µs tw(SCLH) SCL clock high time 4.0 0.6 tsu(SDA) SDA setup time 250 100 ns th(SDA) SDA data hold time 0 (3) 3. The maximum Data hold time has only to be met if the interface does not stretch the low period of SCL signal. 0900(3) tr(SDA) tr(SCL) SDA and SCL rise time 1000 20+0.1Cb 300 tf(SDA) tf(SCL) SDA and SCL fall time 300 300 th(STA) Start condition hold time 4.0 0.6 µs tsu(STA) Repeated Start condition setup time 4.7 0.6 tsu(STO) Stop condition setup time 4.0 0.6 µs tw(STO:STA) Stop to Start condition time (bus free) 4.7 1.3 µs Cb Capacitive load for each bus line 400 400 pF |