| データシートサーチシステム |
|
PSD301-B-90LI データシート(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD301-B-90LI データシート(HTML) 48 Page - STMicroelectronics |
|
48 / 85 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) PSD3XX Family 45 Figure 21. Timing of 8-Bit Multiplexed Address/Data Bus Using RD, WR (PSD3X2/3X3) 18 DATA VALID CSI/A19 as CSI DATA IN 8 12 1 7 15 32 32 14 14 6 6 10 9 ADDRESS A ADDRESS B 2 3 4 13 32 5 2 16 17 12A 19 13 20 23 23 ADDRESS A ADDRESS B INPUT INPUT OUTPUT OUTPUT READ CYCLE WRITE CYCLE STABLE INPUT STABLE INPUT Direct (1) PAD Input Multiplexed (2) Inputs A0/AD0- A7/AD7 Active Low ALE Active High ALE RD/E/DS as RD BHE/PSEN as PSEN WR/VPP or RW as WR Any of PA0-PA7 as I/O Pin Any of PA0-PA7 Pins as Address Outputs Any of PB0-PB7 as I/O Pin 1 3 11 36 See referenced notes on page 64 Obsolete Product(s) - Obsolete Product(s) |