データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ZPSD301R-B-70J データシート(PDF) 26 Page - STMicroelectronics

部品番号 ZPSD301R-B-70J
部品情報  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD301R-B-70J データシート(HTML) 26 Page - STMicroelectronics

Back Button ZPSD301R-B-70J Datasheet HTML 22Page - STMicroelectronics ZPSD301R-B-70J Datasheet HTML 23Page - STMicroelectronics ZPSD301R-B-70J Datasheet HTML 24Page - STMicroelectronics ZPSD301R-B-70J Datasheet HTML 25Page - STMicroelectronics ZPSD301R-B-70J Datasheet HTML 26Page - STMicroelectronics ZPSD301R-B-70J Datasheet HTML 27Page - STMicroelectronics ZPSD301R-B-70J Datasheet HTML 28Page - STMicroelectronics ZPSD301R-B-70J Datasheet HTML 29Page - STMicroelectronics ZPSD301R-B-70J Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD3XX Family
23
12.0
Control Signals
(cont.)
12.5 A19/CSI
This pin is configured using PSDsoft to be either a chip select for the entire PSD device or
an additional PAD input. If your MCU can generate a chip-select signal, and you wish to
save power, use the PSD chip select feature. Otherwise, use this pin as an address or logic
input.
t When configured as CSI (active-low PSD chip select): a low on this pin keeps the PSD
in normal operation. However, when a high is detected on the pin, the PSD
enters Power-down Mode. See Tables 7A and 7B for information on signal states
during Power-down Mode. See section 16 for details about the reduction of power
consumption.
t When configured as A19, the pin can be used as an additional input to the PADs.
It can be used for address or logic. It can also be ALE/AS dependent or a transparent
input, which is determined by your PSDsoft design file. In A19 mode, the PSD is always
enabled.
Port
Configuration Mode(s)
State
AD0–A0/AD15/A15
All
Input (Hi-Z)
MCU I/O
Unchanged
Port Pins PA0–PA7
Tracking AD0/A0-AD7/A7
Input (Hi-Z)
Latched Address Out
Logic 1
MCU I/O
Unchanged
Port Pins PB0–PB7
Chip Select Outputs, CS0–CS7, CMOS
Logic 1
Chip Select Outputs, CS0–CS7, Open Drain
Hi-Z
Port Pins PC0–PC2
Address or Logic Inputs, A16-A18
Input (Hi-Z)
Chip Select Outputs, CS8–CS10, CMOS only
Logic 1
Table 7A. Signal States During Power-Down Mode
Internal Signal State
Component
Internal Signal
During Power-Down
PAD A and PAD B
CS0–CS10
Logic 1 (inactive)
CSADIN, CSADOUT1,
CSADOUT2, CSIOPORT,
Logic 0 (inactive)
ES0-ES7, RS0
All registers in CSIOPORT
N/A
address space, including:

Direction

Data
All unchanged

Page

PMR (turbo bit, ZPSD only)
Table 7B. Internal States During Power-down
NOTE: N/A = Not Applicable
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com