| データシートサーチシステム |
|
ZPSD301V-B-20L データシート(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ZPSD301V-B-20L データシート(HTML) 13 Page - STMicroelectronics |
|
13 / 85 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) PSD3XX Family 10 8.0 Operating Modes (MCU Configurations) The PSD3XX’s four operating modes enable it to interface directly to most 8- and 16-bit microcontrollers with multiplexed and non-multiplexed address/data busses. The 16-bit modes are not available to some devices; see Table 1. The following are the four operating modes available: t Multiplexed 8-bit address/data bus t Multiplexed 16-bit address/data bus t Non-multiplexed 8-bit data bus t Non-multiplexed 16-bit data bus Please read the section below that corresponds to your type of MCU. Then check the appropriate Figure (3A/3B/3C/3D) to determine your pin connections. Table 3 lists the Port connections in tabular form. Multiplexed 8-bit address/data bus (Figure 3A) This mode is used to interface to microcontrollers with a multiplexed 8-bit data bus. Since the low-order address and data are multiplexed together, your MCU will output an ALE or AS signal. The PSD3XX contains a transparent latch to demultiplex the address/data lines internally. All you have to do is connect the ALE/AS signal and select 8-bit multiplexed bus mode in PSDsoft. If your MCU outputs more than 16 bits of address, and you wish to connect them to the PSD, connect A16-A18 to Port C and A19 to A19/CSI, where applicable. Multiplexed 16-bit address/data bus (Figure 3B) This mode is used to interface to microcontrollers with a multiplexed 16-bit data bus. Since the low address bytes and data are multiplexed together, your MCU will output an ALE or AS signal. The PSD3XX contains a transparent latch to demultiplex the address/data lines internally. All you have to do is connect the ALE/AS signal and select 8-bit multiplexed bus mode in PSDsoft. If your MCU outputs more than 16 bits of address, and you wish to connect them to the PSD, connect A16-A18 to Port C and A19 to A19/CSI, where applicable. Non-multiplexed 8-bit data bus (Figure 3C) This mode is used to interface to microcontrollers with a non-multiplexed 8-bit data bus. Connect the MCU’s address bus to AD0/A0-AD15/A15 on the PSD. Connect the data bus signals of your MCU to Port A of the PSD. If your MCU outputs more than 16 bits of address, and you wish to connect them to the PSD, connect A16-A18 to Port C and A19 to A19/CSI, where applicable. Non-multiplexed 16-bit data bus (Figure 3D) This mode is used to interface to microcontrollers with a non-multiplexed 16-bit data bus. Connect the MCU’s address bus to AD0/A0-AD15/A15 on the PSD. Connect the low byte data bus signals of your MCU to Port A, and the high byte data output of your MCU to Port B of the PSD. If your MCU outputs more than 16 bits of address, and you wish to connect them to the PSD, connect A16-A18 to Port C and A19 to A19/CSI, where applicable. For users with multiplexed MCUs that have data multiplexed on address lines other than A0-A7 note: You can still use the PSD3XX, but you will have to connect your data to Port A (and Port B where required), as shown in Figure 3C or 3D. That is, you will be connecting it as if you were using a non-multiplexed MCU. In this case, you must connect the ALE/AS signal so that the address will still be properly latched. This option is not available on the 3X1 versions. Obsolete Product(s) - Obsolete Product(s) |