データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM5423P データシート(PDF) 3 Page - Analog Power

部品番号 AM5423P
部品情報  P-Channel 20-V (D-S) MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANALOGPOWER [Analog Power]
ホームページ  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM5423P データシート(HTML) 3 Page - Analog Power

  AM5423P Datasheet HTML 1Page - Analog Power AM5423P Datasheet HTML 2Page - Analog Power AM5423P Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AM5423P
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM5423_A
3
Package Information
Note:
1.
All Dimension Are In mm.
2.
Package Body Sizes Exclude Mold Flash, Protrusion Or Gate Burrs. Mold Flash, Protrusion Or Gate Burrs Shall Not Exceed 0.10
mm Per Side.
3.
Package Body Sizes Determined At The Outermost Extremes Of The Plastic Body Exclusive Of Mold Flash, Tie Bar Burrs, Gate
Burrs And Interlead Flash, But Including Any Mismatch Between The Top And Bottom Of The Plastic Body.
4.
The Package Top May Be Smaller Than The Package Bottom.



Html Pages

1 2 3