| データシートサーチシステム |
|
AP2113 データシート(PDF) 2 Page - BCD Semiconductor Manufacturing Limited |
|
|
|||||||||||||||||||||||||||||
AP2113 データシート(HTML) 2 Page - BCD Semiconductor Manufacturing Limited |
|
2 / 13 page ![]() Preliminary Datasheet 1.6x Linear DC Fan Driver with VOUT Fully on Control AP2113 Mar. 2012 Rev 1. 3 BCD Semiconductor Manufacturing Limited 2 Pin Configuration M Package K Package (SOIC-8) (SOT-23-5) 1 2 34 5 Figure 2. Pin Configuration of AP2113 (Top View) Pin Descriptions Pin Number SOIC-8 SOT-23-5 Pin Name Function 1 5 FON ________ Full speed mode / Adjustable mode selection input pin. Set low for full speed mode, set high for adjustable mode with 1.6x 2 4 VIN Input voltage 3 3 VOUT Output voltage 4 1 VSET Voltage input pin, apply DC voltage into VSET as voltage reference, the output voltage follows 1.6 times of VSET voltage 5, 6, 7, 8 2 GND Ground |