データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS339,339A データシート(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

部品番号 AS339,339A
部品情報  LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BCDSEMI [BCD Semiconductor Manufacturing Limited]
ホームページ  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS339,339A データシート(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AS339,339A Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS339,339A Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS339,339A Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS339,339A Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS339,339A Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS339,339A Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS339,339A Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS339,339A Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS339,339A Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
AS339/339A
Data Sheet
4
Jan. 2013 Rev. 2. 1
BCD Semiconductor Manufacturing Limited
Electrical Characteristics
Parameter
Conditions
Min
Typ
Max
Unit
Input Offset Voltage
VO=1.4V, RS=0Ω, VCC from
5V to 30V
AS339
25
mV
7
AS339A
23
5
Input Bias Current
IIN+ or IIN- with output in Linear Range,
VCM=0V
25
250
nA
400
Input Offset Current
IIN+- IIN-, VCM=0V
5.0
50
nA
200
Input Common Mode
Voltage Range (Note 4)
VCC=30V
0
VCC-1.5
V
Supply Current
RL=∞
VCC=5V
0.9
2.0
mA
3.0
VCC=30V
1.2
2.5
3.5
Voltage Gain
RL≥15kΩ, VCC=15V, VO=1V to 11V
50
200
V/mV
Large Signal Response
Time
VIN=TTL Logic Swing, VREF=1.4V
VRL=5V, RL=5.1kΩ
200
ns
Response Time
VRL=5V, RL=5.1kΩ
1.3
μs
Output Sink Current
VIN-=1V, VIN+=0, VO=1.5V
6.0
16
mA
Output Leackage Current
VIN-=0V, VIN+=1V, VO=5V
0.1
nA
VIN-=0V, VIN+=1V, VO=30V
1
μA
Saturation Voltage
VIN-=1V, VIN+=0, ISINK ≤ 4mA
200
400
mV
500
Thermal Resistance
(Junction to Case)
SOIC-14
51.93
oC/W
DIP-14
35.00
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
236
V
Operating Temperature Range
TA
-40
85
oC
Recommended Operating Conditions
Note 3: Limits over the full temperature are guaranteed by design, but not tested in production.
Note 4: The input common-mode voltage of either input signal voltage should not be allowed to go negatively by more than
0.3V (at 25oC). The upper end of the common-mode voltage range is VCC-1.5V (at 25oC), but either or both inputs can go to
+36V without damages, independent of the magnitude of the VCC.
Limits in standard typeface are for TA=25oC, bold typeface applies over TA=-40oC to 85oC (Note 3), VCC=5V, GND=0V,
unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com