| データシートサーチシステム |
|
MBR3045C データシート(PDF) 3 Page - BCD Semiconductor Manufacturing Limited |
|
|
|||||||||||||||||||||||||||||
MBR3045C データシート(HTML) 3 Page - BCD Semiconductor Manufacturing Limited |
|
3 / 11 page ![]() HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER MBR3045C 3 BCD Semiconductor Manufacturing Limited Mar. 2011 Rev. 1. 1 Data Sheet Package Part Number Marking ID Packing Type Lead Free Green Lead Free Green TO-220-3 (2) MBR3045CT-E1 MBR3045CT-G1 MBR3045CT-E1 MBR3045CT-G1 Tube TO-220F-3 MBR3045CTF-E1 MBR3045CTF-G1 MBR3045CTF-E1 MBR3045CTF-G1 Tube Ordering Information Circuit Type Package E1: Lead Free MBR3045C - Blank: Tube T: TO-220-3 (2) TF: TO-220F-3 G1: Green BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant. Products with "G1" suffix are available in green packages. TO-220-3 (Optional) |