| データシートサーチシステム |
|
VR4A データシート(PDF) 3 Page - Cornell Dubilier Electronics |
|
|
|||||||||||||||||||||||||||||
VR4A データシート(HTML) 3 Page - Cornell Dubilier Electronics |
|
3 / 3 page ![]() Capacitor Hardware CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com Screw-Terminal, Computer-Grade Capacitor, Mounting Hardware Clamp Dimensions Bracket Dimensions Note: All mounting brackets and clamps except Figure 4 are zinc plated. Figure 4 is a black nylon. When mounting capacitors there is no need to wrap capacitors with protective wrapping before installing mounting clamp. *Stock bracket Nylon Nuts for Insulated Stud Mounting Metal Plate/ Heat Sink (Reference only) Nylon Hex Nut Dimensions in Inches Dimensions in Millimeters Figure Bracket A B C D E F A B C D E F Number 1 125565-06* 1.375 1.813 30 º 2.313 .750 .563 34.93 46.04 30º 58.74 19.05 14.30 1 125565-15* 1.750 2.188 30 º 2.625 .750 .560 44.45 55.56 30º 66.68 19.05 14.22 2 125565-09* 2.000 1.250 75 º 1.438 1.125 .750 50.80 31.75 75º 36.51 28.58 19.05 3 125565-05 2.000 2.563 30 º 2.938 1.125 .750 50.80 65.09 30º 76.41 28.58 19.05 2 125565-14* 2.500 1.500 75 º 1.688 1.125 .750 63.50 38.10 75º 42.86 28.58 19.05 3 125565-10 2.500 3.000 30 º 3.438 1.125 .750 63.50 76.20 30º 87.31 28.58 19.05 2 125565-11* 3.000 1.750 75 º 1.938 1.125 .750 76.20 44.45 75º 49.21 28.58 19.05 3 125565-01 3.000 3.500 30 º 3.938 1.125 .750 76.20 88.90 30º 100.01 28.58 19.05 4 125309-01 3.500 4.488 60 º 2.224 .984 – 90.00 114.00 60º 4.70 25.00 – For Stud Standoff Nut Nut Hex Mounting Nylon Nut Diameter Diameter Diameter Elevation Head Min. Hole Max. Chassis Max. Tightening Part Number (mm) S (mm) W (mm) T (mm) J (mm) Diameter Thickness Torque (mm) (mm) in. lbs. M8S17W25 M8 17 25 15 17 17.5 5 25 M12S22W30 M12 22 30 18 19 22.5 5 75 M12S30W38 M12 30 38 18 19 30.5 5 75 Clamp Dimensions in Inches Number A B C D 125562-01 1.375 2.125 2.500 1.281 125562-05 1.750 2.500 2.875 1.656 125562-02 2.000 2.750 3.125 1.906 125562-04 2.500 3.250 3.625 2.406 125562-03 3.000 3.750 4.125 2.906 125562-06 3.500 4.250 4.625 3.481 Figure 1 Figure 2 Figure 3 Figure 4 |