データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD4033B データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 CD4033B
部品情報  CMOS DECADE COUNTERS/DIVIDERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CD4033B データシート(HTML) 9 Page - Texas Instruments

Back Button CD4033B Datasheet HTML 5Page - Texas Instruments CD4033B Datasheet HTML 6Page - Texas Instruments CD4033B Datasheet HTML 7Page - Texas Instruments CD4033B Datasheet HTML 8Page - Texas Instruments CD4033B Datasheet HTML 9Page - Texas Instruments CD4033B Datasheet HTML 10Page - Texas Instruments CD4033B Datasheet HTML 11Page - Texas Instruments CD4033B Datasheet HTML 12Page - Texas Instruments CD4033B Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
CD4026BNSR
SO
NS
16
2000
330.0
16.4
8.2
10.5
2.5
12.0
16.0
Q1
CD4026BPWR
TSSOP
PW
16
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
14-Jul-2012
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15