データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP19035 データシート(PDF) 35 Page - Microchip Technology

部品番号 MCP19035
部品情報  High-Speed Synchronous Buck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19035 データシート(HTML) 35 Page - Microchip Technology

Back Button MCP19035 Datasheet HTML 31Page - Microchip Technology MCP19035 Datasheet HTML 32Page - Microchip Technology MCP19035 Datasheet HTML 33Page - Microchip Technology MCP19035 Datasheet HTML 34Page - Microchip Technology MCP19035 Datasheet HTML 35Page - Microchip Technology MCP19035 Datasheet HTML 36Page - Microchip Technology MCP19035 Datasheet HTML 37Page - Microchip Technology MCP19035 Datasheet HTML 38Page - Microchip Technology MCP19035 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
 2012 Microchip Technology Inc.
DS22326A-page 35
MCP19035
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
Part Number
Code
MCP19035-AAAAE/MF
BAFG
MCP19035T-AAAAE/MF
BAFG
MCP19035-AAABE/MF
BAFP
MCP19035T-AAABE/MF
BAFP
BAFG
1209
256
10-Lead DFN (3x3x0.9 mm)
Example:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44