| データシートサーチシステム |
|
64GA110 データシート(PDF) 86 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
64GA110 データシート(HTML) 86 Page - Microchip Technology |
|
86 / 330 page ![]() PIC24FJ256GA110 FAMILY DS39905E-page 86 2010 Microchip Technology Inc. bit 1 MI2C1IE: Master I2C1 Event Interrupt Enable bit 1 = Interrupt request enabled 0 = Interrupt request not enabled bit 0 SI2C1IE: Slave I2C1 Event Interrupt Enable bit 1 = Interrupt request enabled 0 = Interrupt request not enabled REGISTER 7-12: IEC1: INTERRUPT ENABLE CONTROL REGISTER 1 (CONTINUED) Note 1: If an external interrupt is enabled, the interrupt input must also be configured to an available RPn or RPIn pin. See Section 10.4 “Peripheral Pin Select” for more information. |