データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2STL2580 データシート(PDF) 11 Page - STMicroelectronics

部品番号 2STL2580
部品情報  High voltage fast switching NPN power transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STL2580 データシート(HTML) 11 Page - STMicroelectronics

Back Button 2STL2580 Datasheet HTML 6Page - STMicroelectronics 2STL2580 Datasheet HTML 7Page - STMicroelectronics 2STL2580 Datasheet HTML 8Page - STMicroelectronics 2STL2580 Datasheet HTML 9Page - STMicroelectronics 2STL2580 Datasheet HTML 10Page - STMicroelectronics 2STL2580 Datasheet HTML 11Page - STMicroelectronics 2STL2580 Datasheet HTML 12Page - STMicroelectronics 2STL2580 Datasheet HTML 13Page - STMicroelectronics 2STL2580 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
2STL2580
Package mechanical data
Doc ID 18292 Rev 3
11/14
Table 6.
TO-92MOD ammopack mechanical data
Dim.
mm.
Min.
Typ.
Max.
A1
5.8
6.0
6.2
A8.4
8.6
8.8
T4.7
4.9
5.1
d0.4
0.5
0.6
d1
0.9
1.0
1.1
P
12.4
12.7
13.0
P0
12.5
12.7
12.9
P2
6.05
6.35
6.65
F1, F2
2.2
2.5
2.8
Δh-1.0
0
1.0
W
17.5
18.0
19.0
W0
5.5
6.0
6.5
W1
8.5
9.0
9.5
W2
1.0
H
18.0
19.0
20.0
H0
15.5
16.0
16.5
L1
2.5
D0
3.8
4.0
4.2
t1
0.35
0.4
0.45
t2
0.15
0.2
0.25
P1
3.82
3.85
3.88
ΔP-1.0
0
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14