データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F103x4 データシート(PDF) 24 Page - STMicroelectronics

部品番号 STM32F103x4
部品情報  Low-density performance line, ARM-based 32-bit MCU with 16 or32 KB Flash, USB
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103x4 データシート(HTML) 24 Page - STMicroelectronics

Back Button STM32F103x4 Datasheet HTML 20Page - STMicroelectronics STM32F103x4 Datasheet HTML 21Page - STMicroelectronics STM32F103x4 Datasheet HTML 22Page - STMicroelectronics STM32F103x4 Datasheet HTML 23Page - STMicroelectronics STM32F103x4 Datasheet HTML 24Page - STMicroelectronics STM32F103x4 Datasheet HTML 25Page - STMicroelectronics STM32F103x4 Datasheet HTML 26Page - STMicroelectronics STM32F103x4 Datasheet HTML 27Page - STMicroelectronics STM32F103x4 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 90 page
background image
Pinouts and pin description
STM32F103x4, STM32F103x6
24/90
Doc ID 15060 Rev 6
Figure 7.
STM32F103xx performance line VFQFPN36 pinout
36
35
34
33
32
31
30
29
28
VDD_3
1
27
VDD_2
OSC_IN/PD0
2
26
VSS_2
OSC_OUT/PD1
3
25
PA13
NRST
4
QFN36
24
PA12
VSSA
5
23
PA11
VDDA
6
22
PA10
PA0-WKUP
7
21
PA9
PA1
8
20
PA8
PA2
9
19
VDD_1
10
11
12
13
14
15
16
17
18
ai14654



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90