データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F103C4 データシート(PDF) 58 Page - STMicroelectronics

部品番号 STM32F103C4
部品情報  Low-density performance line, ARM-based 32-bit MCU with 16 or32 KB Flash, USB
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103C4 データシート(HTML) 58 Page - STMicroelectronics

Back Button STM32F103C4 Datasheet HTML 54Page - STMicroelectronics STM32F103C4 Datasheet HTML 55Page - STMicroelectronics STM32F103C4 Datasheet HTML 56Page - STMicroelectronics STM32F103C4 Datasheet HTML 57Page - STMicroelectronics STM32F103C4 Datasheet HTML 58Page - STMicroelectronics STM32F103C4 Datasheet HTML 59Page - STMicroelectronics STM32F103C4 Datasheet HTML 60Page - STMicroelectronics STM32F103C4 Datasheet HTML 61Page - STMicroelectronics STM32F103C4 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 90 page
background image
Electrical characteristics
STM32F103x4, STM32F103x6
58/90
Doc ID 15060 Rev 6
All I/Os are CMOS and TTL compliant (no software configuration required). Their
characteristics cover more than the strict CMOS-technology or TTL parameters. The
coverage of these requirements is shown in Figure 23 and Figure 24 for standard I/Os, and
in Figure 25 and Figure 26 for 5 V tolerant I/Os.
Figure 23.
Standard I/O input characteristics - CMOS port
Figure 24.
Standard I/O input characteristics - TTL port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90