データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F302CC データシート(PDF) 72 Page - STMicroelectronics

部品番号 STM32F302CC
部品情報  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash48KB SRAM
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F302CC データシート(HTML) 72 Page - STMicroelectronics

Back Button STM32F302CC Datasheet HTML 68Page - STMicroelectronics STM32F302CC Datasheet HTML 69Page - STMicroelectronics STM32F302CC Datasheet HTML 70Page - STMicroelectronics STM32F302CC Datasheet HTML 71Page - STMicroelectronics STM32F302CC Datasheet HTML 72Page - STMicroelectronics STM32F302CC Datasheet HTML 73Page - STMicroelectronics STM32F302CC Datasheet HTML 74Page - STMicroelectronics STM32F302CC Datasheet HTML 75Page - STMicroelectronics STM32F302CC Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 133 page
background image
Electrical characteristics
STM32F302xx/STM32F303xx
72/133
Doc ID 023353 Rev 5
TIM6
9.7
µA/MHz
TIM7
12.1
WWDG
6.4
SPI2
40.4
SPI3
40.0
USART2
41.9
USART3
40.2
UART4
36.5
UART5
30.8
I2C1
10.5
I2C2
10.4
USB
26.2
CAN
33.4
PWR
5.7
DAC
15.4
1.
The power consumption of the analog part (IDDA) of peripherals such as ADC, DAC, Comparators, OpAmp
etc. is not included. Refer to the tables of characteristics in the subsequent sections.
2.
BusMatrix is automatically active when at least one master is ON (CPU, DMA1 or DMA2).
3.
The APBx bridge is automatically active when at least one peripheral is ON on the same bus.
Table 36.
Peripheral current consumption (continued)
Peripheral
Typical consumption(1)
Unit
IDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More