| データシートサーチシステム |
|
STM32F302VC データシート(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F302VC データシート(HTML) 8 Page - STMicroelectronics |
|
8 / 133 page ![]() Introduction STM32F302xx/STM32F303xx 8/133 Doc ID 023353 Rev 5 1 Introduction This datasheet provides the ordering information and mechanical device characteristics of the STM32F30xB/C microcontrollers. This STM32F30xB/C datasheet should be read in conjunction with the STM32F30xB/C reference manual. The reference manual is available from the STMicroelectronics website www.st.com. For information on the Cortex™-M4F core please refer to: ● Cortex™-M4F Technical Reference Manual, available from the www.arm.com website at the following address: http://infocenter.arm.com/help/index.jsp?topic=/com.arm.doc.subset.cortexm.m4/ index.html ● STM32F3xxx and STM32F4xxx Cortex-M4 programming manual (PM0214) available from the www.st.com website at the following address: http://www.st.com/internet/com/TECHNICAL_RESOURCES/ TECHNICAL_LITERATURE/PROGRAMMING_MANUAL/DM00046982.pdf |