| データシートサーチシステム |
|
STM32F303CC データシート(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303CC データシート(HTML) 31 Page - STMicroelectronics |
|
31 / 133 page ![]() STM32F302xx/STM32F303xx Functional overview Doc ID 023353 Rev 5 31/133 STM32F302xx/STM32F303xx through a small number of ETM pins to an external hardware trace port analyzer (TPA) device. The TPA is connected to a host computer using a high- speed channel. Real-time instruction and data flow activity can be recorded and then formatted for display on the host computer running debugger software. TPA hardware is commercially available from common development tool vendors. It operates with third party debugger software tools. |