| データシートサーチシステム |
|
STM32F303 データシート(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303 データシート(HTML) 50 Page - STMicroelectronics |
|
50 / 133 page ![]() Memory mapping STM32F302xx/STM32F303xx 50/133 Doc ID 023353 Rev 5 5 Memory mapping Figure 8. STM32F30xB/C memory map 0xFFFF FFFF 0xE000 0000 0xC000 0000 0xA000 0000 0x8000 0000 0x6000 0000 0x4000 0000 0x2000 0000 0x0000 0000 0 1 2 3 4 5 6 7 Cortex-M4F Internal Peripherals Peripherals SRAM CODE Option bytes System memory Flash memory Flash, system memory or SRAM, depending on BOOT configuration AHB2 AHB1 APB2 APB1 0x5000 0000 0x4800 1800 0x4800 0000 0x4002 43FF 0x4002 0000 0x4001 6C00 0x4001 0000 0x4000 A000 0x4000 0000 0x1FFF FFFF 0x1FFF F800 0x1FFF D800 0x0804 0000 0x0800 0000 0x0004 0000 0x0000 0000 Reserved MS30355V1 AHB3 0x5000 07FF Reserved Reserved Reserved Reserved Reserved Reserved Reserved 0x1000 2000 0x1000 0000 CCM RAM |