| データシートサーチシステム |
|
STM32F415RG データシート(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F415RG データシート(HTML) 56 Page - STMicroelectronics |
|
56 / 186 page ![]() Pinouts and pin description STM32F415xx, STM32F417xx 56/186 DocID022063 Rev 4 - - 84 117 D11 145 PD3 I/O FT FSMC_CLK/ USART2_CTS/ EVENTOUT - A4 85 118 D10 146 PD4 I/O FT FSMC_NOE/ USART2_RTS/ EVENTOUT - C6 86 119 C11 147 PD5 I/O FT FSMC_NWE/USART2_TX / EVENTOUT - - - 120 D8 148 VSS S - - - 121 C8 149 VDD S - B5 87 122 B11 150 PD6 I/O FT FSMC_NWAIT/ USART2_RX/ EVENTOUT - A5 88 123 A11 151 PD7 I/O FT USART2_CK/FSMC_NE1/ FSMC_NCE2/ EVENTOUT - - - 124 C10 152 PG9 I/O FT USART6_RX / FSMC_NE2/FSMC_NCE3 / EVENTOUT - - - 125 B10 153 PG10 I/O FT FSMC_NCE4_1/ FSMC_NE3/ EVENTOUT - - - 126 B9 154 PG11 I/O FT FSMC_NCE4_2 / ETH_MII_TX_EN/ ETH _RMII_TX_EN/ EVENTOUT - - - 127 B8 155 PG12 I/O FT FSMC_NE4 / USART6_RTS/ EVENTOUT - - - 128 A8 156 PG13 I/O FT FSMC_A24 / USART6_CTS /ETH_MII_TXD0/ ETH_RMII_TXD0/ EVENTOUT - - - 129 A7 157 PG14 I/O FT FSMC_A25 / USART6_TX /ETH_MII_TXD1/ ETH_RMII_TXD1/ EVENTOUT Table 7. STM32F41x pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |