データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F415VG データシート(PDF) 53 Page - STMicroelectronics

部品番号 STM32F415VG
部品情報  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F415VG データシート(HTML) 53 Page - STMicroelectronics

Back Button STM32F415VG Datasheet HTML 49Page - STMicroelectronics STM32F415VG Datasheet HTML 50Page - STMicroelectronics STM32F415VG Datasheet HTML 51Page - STMicroelectronics STM32F415VG Datasheet HTML 52Page - STMicroelectronics STM32F415VG Datasheet HTML 53Page - STMicroelectronics STM32F415VG Datasheet HTML 54Page - STMicroelectronics STM32F415VG Datasheet HTML 55Page - STMicroelectronics STM32F415VG Datasheet HTML 56Page - STMicroelectronics STM32F415VG Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 186 page
background image
DocID022063 Rev 4
53/186
STM32F415xx, STM32F417xx
Pinouts and pin description
-
-
60 82 M15 101
PD13
I/O FT
FSMC_A18/TIM4_CH2/
EVENTOUT
--
-
83
-
102
VSS
S
-
-
-
84
J13 103
VDD
S
-
F2 61 85 M14 104
PD14
I/O FT
FSMC_D0/TIM4_CH3/
EVENTOUT/ EVENTOUT
-F1 62 86
L14 105
PD15
I/O FT
FSMC_D1/TIM4_CH4/
EVENTOUT
-
-
-
87
L15 106
PG2
I/O FT
FSMC_A12/ EVENTOUT
-
-
-
88 K15 107
PG3
I/O FT
FSMC_A13/ EVENTOUT
-
-
-
89 K14 108
PG4
I/O FT
FSMC_A14/ EVENTOUT
-
-
-
90 K13 109
PG5
I/O FT
FSMC_A15/ EVENTOUT
-
-
-
91
J15 110
PG6
I/O FT
FSMC_INT2/ EVENTOUT
-
-
-
92
J14 111
PG7
I/O FT
FSMC_INT3
/USART6_CK/
EVENTOUT
--
-
93 H14 112
PG8
I/O FT
USART6_RTS /
ETH_PPS_OUT/
EVENTOUT
--
-
94 G12 113
VSS
S
--
-
95 H13 114
VDD
S
37
F3 63 96 H15 115
PC6
I/O FT
I2S2_MCK /
TIM8_CH1/SDIO_D6 /
USART6_TX /
DCMI_D0/TIM3_CH1/
EVENTOUT
38 E1 64 97 G15 116
PC7
I/O FT
I2S3_MCK /
TIM8_CH2/SDIO_D7 /
USART6_RX /
DCMI_D1/TIM3_CH2/
EVENTOUT
39 E2 65 98 G14 117
PC8
I/O FT
TIM8_CH3/SDIO_D0
/TIM3_CH3/ USART6_CK
/ DCMI_D2/ EVENTOUT
Table 7. STM32F41x pin and ball definitions (continued)
Pin number
Pin name
(function after
reset)(1)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More