データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC16F685 データシート(PDF) 73 Page - Microchip Technology

部品番号 PIC16F685
部品情報  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685 データシート(HTML) 73 Page - Microchip Technology

Back Button PIC16F685 Datasheet HTML 69Page - Microchip Technology PIC16F685 Datasheet HTML 70Page - Microchip Technology PIC16F685 Datasheet HTML 71Page - Microchip Technology PIC16F685 Datasheet HTML 72Page - Microchip Technology PIC16F685 Datasheet HTML 73Page - Microchip Technology PIC16F685 Datasheet HTML 74Page - Microchip Technology PIC16F685 Datasheet HTML 75Page - Microchip Technology PIC16F685 Datasheet HTML 76Page - Microchip Technology PIC16F685 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 306 page
background image
© 2008 Microchip Technology Inc.
DS41262E-page 71
PIC16F631/677/685/687/689/690
4.4.3
PIN DESCRIPTIONS AND
DIAGRAMS
Each PORTB pin is multiplexed with other functions. The
pins and their combined functions are briefly described
here. For specific information about individual functions
such as the SSP, I2C™ or interrupts, refer to the
appropriate section in this data sheet.
4.4.3.1
RB4/AN10/SDI/SDA
Figure 4-7 shows the diagram for this pin. The
RB4/AN10/SDI/SDA(1) pin is configurable to function
as one of the following:
• a general purpose I/O
• an analog input for the ADC (except PIC16F631)
• a SPI data I/O
•an I2C data I/O
FIGURE 4-7:
BLOCK DIAGRAM OF RB4
Note 1: SDI
and
SDA
are
available
on
PIC16F677/PIC16F687/PIC16F689/PIC
16F690 only.
I/O Pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
VDD
D
EN
Q
D
EN
Q
Weak
Data Bus
WR
WPUB
RD
WPUB
RD PORTB
RD
PORTB
WR
PORTB
WR
TRISB
RD
TRISB
WR
IOCB
RD
IOCB
Interrupt-on-
To SSPSR
Analog(1)
Input Mode
RABPU
Analog(1)
Input Mode
Change
Q3
To A/D Converter(2)
ST
SSPEN
0
1
1
0
Available on PIC16F677/PIC16F687/PIC16F689/PIC16F690
only.
Note
1:
ANSEL determines Analog Input mode.
2:
Not implemented on PIC16F631.
0
1
1
0
SSPSR
From
SSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More