| データシートサーチシステム |
|
DRA127-6R8-R データシート(PDF) 2 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
DRA127-6R8-R データシート(HTML) 2 Page - Cooper Bussmann, Inc. |
|
2 / 8 page ![]() DRA Series High Power Density, High Efficiency, Shielded Inductors Magnetics Solutions For Automotive Applications (1) Open Circuit Inductance test parameters: 100kHz, 0.25V, 0.0Adc, tolerance is ±20% (2) Irms: DC current for an approximate ∆T of 40°C without core loss. Derating is necessary for AC currents. PCB layout, trace thickness and width, air-flow, and proximity of other heat generating components will affect the temperature rise. It is recommended that the temperature of the part not exceed 165°C under worst case operating conditions verified in the end application. (3) Isat Amperes peak for approximately 30% rolloff (@25°C) (4) Isat Amperes peak for approximately 40% rolloff (@125°C) (5) DCR limits @ 25°C (6) K-factor: Used to determine B p-p for core loss (see graph). B p-p = K*L* ∆I, B p-p(mT), K: (K factor from table), L: (Inductance in µH), ∆I (Peak to peak ripple current in Amps). (7) Part Number Definition: DRAxxx-xxx-R DRAxxx = Product code and size; -xxx = Inductance value in uH; R = decimal point; If no R is present, third character = # of zeros. -R suffix = RoHS compliant Part Number Rated OCL (1) Irms (2) Isat (3) Isat (4) DCR (5) K-factor (6) Inductance µH Amperes Amperes Amperes ( Ω) +/-20% Typ. DRA74-R33-R 0.33 0.288 7.26 18.40 14.72 0.0054 52.6 DRA74-1R0-R 1.00 0.897 6.01 10.22 8.18 0.0078 29.2 DRA74-1R5-R 1.50 1.31 5.55 8.36 6.69 0.0092 23.9 DRA74-2R2-R 2.20 2.33 4.82 6.13 4.91 0.012 17.5 DRA74-3R3-R 3.30 3.05 4.16 5.41 4.33 0.016 15.5 DRA74-4R7-R 4.70 4.68 3.41 4.38 3.50 0.024 12.5 DRA74-6R8-R 6.80 6.51 2.91 3.68 2.94 0.034 10.5 DRA74-8R2-R 8.20 8.51 2.66 3.17 2.54 0.040 9.1 DRA74-100-R 10.0 9.62 2.56 2.97 2.37 0.043 8.5 DRA74-150-R 15.0 15.14 2.06 2.36 1.89 0.067 6.7 DRA74-220-R 22.0 22.25 1.68 1.96 1.57 0.100 5.6 DRA74-330-R 33.0 33.21 1.37 1.61 1.29 0.151 4.6 DRA74-470-R 47.0 46.56 1.14 1.37 1.099 0.219 3.9 DRA74-680-R 68.0 68.37 0.996 1.108 0.887 0.286 3.2 DRA74-820-R 82.0 81.45 0.879 1.034 0.827 0.367 3.0 DRA74-101-R 100 98.5 0.822 0.929 0.743 0.419 2.7 DRA74-151-R 150 150.9 0.661 0.748 0.598 0.648 2.1 DRA74-221-R 220 218.9 0.544 0.626 0.501 0.96 1.8 DRA74-331-R 330 328.9 0.435 0.514 0.411 1.50 1.5 DRA74-471-R 470 471.5 0.383 0.420 0.336 1.93 1.2 DRA74-681-R 680 682.8 0.315 0.352 0.282 2.86 1.0 DRA74-821-R 820 815.0 0.279 0.327 0.262 3.63 0.9 DRA74-102-R 1000 1001.7 0.260 0.292 0.234 4.19 0.8 DRA124-R47-R 0.47 0.423 15.15 30.80 24.6 0.0019 16.7 DRA124-1R0-R 1.00 0.821 11.65 22.00 17.6 0.0031 12.0 DRA124-1R5-R 1.50 1.36 9.36 17.11 13.7 0.0049 9.3 DRA124-2R2-R 2.20 2.04 7.64 14.00 11.2 0.007 7.6 DRA124-3R3-R 3.30 2.79 6.94 11.85 9.48 0.009 6.4 DRA124-4R7-R 4.70 4.74 5.47 9.06 7.25 0.014 4.9 DRA124-6R8-R 6.80 7.28 4.46 7.33 5.87 0.021 4.0 DRA124-8R2-R 8.20 8.88 3.87 6.70 5.36 0.028 3.6 DRA124-100-R 10.0 10.37 3.67 6.16 4.93 0.031 3.3 DRA124-150-R 15.0 14.10 3.10 5.31 4.25 0.044 2.9 DRA124-220-R 22.0 23.00 2.44 4.16 3.33 0.071 2.3 DRA124-330-R 33.0 34.13 1.98 3.42 2.74 0.108 1.9 DRA124-470-R 47.0 46.27 1.78 2.91 2.325 0.134 1.6 DRA124-680-R 68.0 69.77 1.454 2.369 1.895 0.201 1.3 DRA124-820-R 82.0 80.57 1.285 2.232 1.786 0.257 1.2 DRA124-101-R 100 98.8 1.199 2.000 1.600 0.296 1.1 DRA124-151-R 150 151.7 0.967 1.621 1.297 0.454 0.9 DRA124-221-R 220 209.6 0.865 1.363 1.090 0.568 0.7 DRA124-331-R 330 326.9 0.690 1.092 0.874 0.892 0.6 DRA124-471-R 470 473.0 0.568 0.911 0.729 1.32 0.5 DRA124-681-R 680 682.1 0.466 0.759 0.607 1.96 0.4 DRA124-821-R 820 826.7 0.406 0.697 0.557 2.57 0.4 DRA124-102-R 1000 1001.0 0.380 0.629 0.503 2.94 0.3 DRA125-R47-R 0.47 0.453 18.47 33.20 26.56 0.0016 16.7 DRA125-1R0-R 1.00 0.854 15.94 23.71 18.97 0.0021 12.0 DRA125-1R5-R 1.50 1.41 12.89 18.44 14.76 0.0033 9.3 DRA125-2R2-R 2.20 2.12 10.61 15.09 12.07 0.0048 7.6 DRA125-3R3-R 3.30 2.89 9.69 12.77 10.22 0.0058 6.4 DRA125-4R7-R 4.70 4.90 7.67 9.76 7.81 0.0092 4.9 DRA125-6R8-R 6.80 6.23 6.81 8.74 6.99 0.012 4.4 DRA125-8R2-R 8.20 7.49 6.41 7.90 6.32 0.013 4.0 DRA125-100-R 10.0 9.22 5.57 7.22 5.77 0.017 3.6 |