データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCS101 データシート(PDF) 12 Page - Microchip Technology

部品番号 HCS101
部品情報  Fixed Code Encoder
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS101 データシート(HTML) 12 Page - Microchip Technology

Back Button HCS101 Datasheet HTML 8Page - Microchip Technology HCS101 Datasheet HTML 9Page - Microchip Technology HCS101 Datasheet HTML 10Page - Microchip Technology HCS101 Datasheet HTML 11Page - Microchip Technology HCS101 Datasheet HTML 12Page - Microchip Technology HCS101 Datasheet HTML 13Page - Microchip Technology HCS101 Datasheet HTML 14Page - Microchip Technology HCS101 Datasheet HTML 15Page - Microchip Technology HCS101 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
HCS101
DS41115D-page 12
Preliminary
 1999-2013 Microchip Technology Inc.
8.0
PACKAGING INFORMATION
8.1
Package Marking Information
8-Lead PDIP (300 mil)
8-Lead SOIC (150 mil)
XXXXXXXX
XXXXXNNN
YYWW
HCS101
XXXXXNNN
0025
XXXXXXX
XXXYYWW
NNN
HCS101
XXX0025
NNN
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20