データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP47DA1 データシート(PDF) 6 Page - Microchip Technology

部品番号 MCP47DA1
部品情報  6-Bit Windowed Volatile DAC with Command Code
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47DA1 データシート(HTML) 6 Page - Microchip Technology

Back Button MCP47DA1 Datasheet HTML 2Page - Microchip Technology MCP47DA1 Datasheet HTML 3Page - Microchip Technology MCP47DA1 Datasheet HTML 4Page - Microchip Technology MCP47DA1 Datasheet HTML 5Page - Microchip Technology MCP47DA1 Datasheet HTML 6Page - Microchip Technology MCP47DA1 Datasheet HTML 7Page - Microchip Technology MCP47DA1 Datasheet HTML 8Page - Microchip Technology MCP47DA1 Datasheet HTML 9Page - Microchip Technology MCP47DA1 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 76 page
background image
MCP47DA1
DS25118D-page 6
 2012-2013 Microchip Technology Inc.
Resistance
(± 20%)
RVREF
24.0
30
36.0
k
Note 1
Resolution
N
65
Taps
No Missing Codes
Step Resistance
RS
—RVREF / 192
—
Note 3
Nominal
Resistance
Tempco
RVREF/T
—
50
—
ppm/°C
TA = -20°C to +70°C
—
100
—
ppm/°C
TA = -40°C to +85°C
—
150
—
ppm/°C
TA = -40°C to +125°C
Ratiometeric
Tempco
VOUT/T
—
15
—
ppm/°C
Code = Mid-scale (40h)
VOUT Accuracy
740
750
760
mV
3.0V
 VDD  3.6V
VREF = 1.5V, code = 40h
VOUT Load
LVOUTR
5—
—
k
Resistive Load
LVOUTC
—
—
1
nF
Capacitive Load
Maximum current
through Terminal
(VREF) Note 3
IVREF
——
230
µA
VREF = 5.5V
Leakage current
into VREF
IL
—100
—
nA
VREF = VSS
Full-Scale Error
(code = 60h)
VFSE
-1.5
±0.35
+1.5
LSb
2.7V
 VDD  5.5V, VREF = 1.65V
Zero-Scale Error
(code = 20h)
VZSE
-1.5
±0.35
+1.5
LSb
2.7V
 VDD  5.5V, VREF = 1.65V
VOUT Integral
Non-linearity
INL
-0.7
±0.25
+0.7
LSb
2.7V
 VDD  5.5V (Note 2)
VREF = 1.65V
VOUT Differential
Non-linearity
DNL
-0.35
±0.125
+0.35
LSb
2.7V
 VDD  5.5V (Note 2)
VREF = 1.65V
Bandwidth -3 dB
BW
—
100
—
kHz
VREF = 1.5V ± 0.1V, Code = 40h
Capacitance
(VREF)
CREF
—
75
—
pF
f =1 MHz, Code = Full Scale
AC/DC CHARACTERISTICS (CONTINUED)
DC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
–40°C
 TA  +125°C (extended)
All parameters apply across the specified operating ranges unless noted.
VDD = +2.7V to +5.5V. CL = 1 nF, RL = 5 k .
Typical specifications represent values for VDD = 5.5V, TA = +25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Resistance is defined as the resistance between the VREF pin and the VSS pin.
2:
INL and DNL are measured at VOUT from Code = 20h (Zero Scale) through Code = 60h (Full Scale).
3:
This specification by design.
4:
Non-linearity is affected by wiper resistance (RW), which changes significantly over voltage and
temperature.
5:
POR/BOR is not rate dependent.
6:
Supply current is independent of VREF current.
7:
See Section 7.1.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76