| データシートサーチシステム |
|
MCP6482T-E/MS データシート(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6482T-E/MS データシート(HTML) 4 Page - Microchip Technology |
|
4 / 50 page ![]() MCP6481/2/4 DS20002322C-page 4 2012-2013 Microchip Technology Inc. Output High-Level Output Voltage VOH 2.180 2.196 — V VDD =2.2V 0.5V input overdrive 5.480 5.493 — V VDD =5.5V 0.5V input overdrive Low-Level Output Voltage VOL — 0.004 0.020 V VDD =2.2V 0.5 V input overdrive — 0.007 0.020 V VDD =5.5V 0.5 V input overdrive Output Short-Circuit Current ISC —±12 — mA VDD =2.2V —±36 — mA VDD =5.5V Power Supply Supply Voltage VDD 2.2 — 5.5 V Quiescent Current per Amplifier IQ 100 240 400 µA IO =0, VCM =VDD/4 TABLE 1-2: AC ELECTRICAL SPECIFICATIONS Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +2.2V to +5.5V, VSS = GND, VCM =VDD/2, VOUT VDD/2, VL =VDD/2, RL =10 kto VL and CL = 20 pF. (Refer to Figure 1-1). Parameters Sym. Min. Typ. Max. Units Conditions AC Response Gain Bandwidth Product GBWP — 4 — MHz Phase Margin PM — 60 — ° G = +1V/V Slew Rate SR — 2.7 — V/µs Noise Input Noise Voltage Eni — 7 — µVp-p f = 0.1 Hz to 10 Hz Input Noise Voltage Density eni —23 — nV/ Hz f = 1 kHz —18 — nV/ Hz f = 10 kHz Input Noise Current Density ini —0.6 — fA/ Hz f = 1 kHz TABLE 1-1: DC ELECTRICAL SPECIFICATIONS (CONTINUED) Electrical Characteristics: Unless otherwise indicated, VDD = +2.2V to +5.5V, VSS = GND, TA = +25°C, VCM =VDD/2, VOUT VDD/2, VL =VDD/2 and RL =10kto VL. (Refer to Figure 1-1). Parameters Sym. Min. Typ. Max. Units Conditions TABLE 1-3: TEMPERATURE SPECIFICATIONS Electrical Characteristics: Unless otherwise indicated, VDD = +2.2V to +5.5V and VSS = GND. Parameters Sym. Min. Typ. Max. Units Conditions Temperature Ranges Operating Temperature Range TA -40 — +125 °C Note 1 Storage Temperature Range TA -65 — +150 °C Thermal Package Resistances Thermal Resistance, 5L-SC-70 JA — 331 — °C/W Thermal Resistance, 5L-SOT-23 JA — 256 — °C/W Thermal Resistance, 8L-2x3 TDFN JA —52.5 — °C/W Thermal Resistance, 8L-MSOP JA —211 — °C/W Thermal Resistance, 8L-SOIC JA —149.5 — °C/W Thermal Resistance, 14L-SOIC JA —95.3 — °C/W Thermal Resistance, 14L-TSSOP JA — 100 — °C/W Note 1: The internal junction temperature (TJ) must not exceed the absolute maximum specification of +150°C. |