データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP73123-22S/MF データシート(PDF) 14 Page - Microchip Technology

部品番号 MCP73123-22S/MF
部品情報  Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73123-22S/MF データシート(HTML) 14 Page - Microchip Technology

Back Button MCP73123-22S/MF Datasheet HTML 10Page - Microchip Technology MCP73123-22S/MF Datasheet HTML 11Page - Microchip Technology MCP73123-22S/MF Datasheet HTML 12Page - Microchip Technology MCP73123-22S/MF Datasheet HTML 13Page - Microchip Technology MCP73123-22S/MF Datasheet HTML 14Page - Microchip Technology MCP73123-22S/MF Datasheet HTML 15Page - Microchip Technology MCP73123-22S/MF Datasheet HTML 16Page - Microchip Technology MCP73123-22S/MF Datasheet HTML 17Page - Microchip Technology MCP73123-22S/MF Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
MCP73123/223
DS22191E-page 14
 2009-2013 Microchip Technology Inc.
5.9
Thermal Regulation
The MCP73123/223 limits the charge current, based
on the die temperature. This thermal regulation
optimizes the charge cycle time while maintaining
device reliability. Figure 5-1
depicts
the thermal
regulation for the MCP73123/223 device. Refer to
Section 1.0, "Electrical Characteristics", for thermal
package resistances and
Section 6.1.1.2 “Thermal
Considerations”, for calculating power dissipation.
.
FIGURE 5-1:
Thermal Regulation.
5.10
Thermal Shutdown
The MCP73123/223 suspends charge if the die
temperature
exceeds
+150°C.
Charging
will
be
resumed when the die temperature has cooled by
approximately 10°C. This thermal shutdown is a
secondary safety feature in the event that there is a
failure within the thermal regulation circuitry.
5.11
Status Indicator
The charge status outputs are open-drain outputs with
two different states: Low (L) and High Impedance
(High-Z). The charge status outputs can be used to
illuminate LEDs. Optionally, the charge status outputs
can be used as an interface to a host microcontroller.
Table 5-2 summarizes the state of the status outputs
during a charge cycle.
5.12
Battery Short Circuit Protection
When a lithium iron phosphate battery is detected, an
internal battery short circuit protection circuit starts
monitoring the battery voltage. When VBAT is below the
typical 1.7V battery short circuit protection threshold
voltage per cell, the charging behavior is postponed. A
25 mA (typical) detection current is supplied for
recovering from the battery short circuit condition.
Preconditioning mode resumes when VBAT rises above
the battery short circuit protection threshold. The
battery voltage must rise approximately 150 mV above
the battery short circuit protection voltage before the
MCP73123/223 device becomes operational.
0
100
200
300
400
500
600
25 35 45 55 65 75 85 95 105 115 125 135 145
Junction Temperature (°C)
VDD = 5.2V
RPROG = 2 kΩ
TABLE 5-2:
STATUS OUTPUTS
CHARGE CYCLE
STATE
STAT
Shutdown
High-Z
Standby
High-Z
Preconditioning
L
Constant Current Fast
Charge
L
Constant Voltage
L
Charge Complete - Standby
High-Z
Temperature Fault
1.6 second 50% DC
Flashing (Type 2)
High-Z (Type 1)
Timer Fault
1.6 second 50% DC
Flashing (Type 2)
High-Z (Type 1)
Preconditioning Timer Fault
1.6 second 50% DC
Flashing (Type 2)
High-Z (Type 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28