| データシートサーチシステム |
|
QG80331M500 データシート(PDF) 13 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
QG80331M500 データシート(HTML) 13 Page - Intel Corporation |
|
13 / 67 page ![]() Specification Update 13 Intel® 80331 I/O Processor Summary Table of Changes Core Errata No. Steppings Page Status Errata A-1 B-0 C-0 D-0 D-1 1 XXX X X 43 No Fix Abort is missed when lock command is outstanding 2 XXX X X 43 No Fix Aborted Store that Hits the Data Cache May Mark Write-Back Data as Dirty 3 XXX X X 44 No Fix Performance Monitor Unit event 0x1 can be incremented erroneously by unrelated events 4 XXX X X 44 No Fix In Special Debug State, back-to-back memory operations — where the first instruction aborts — may cause a hang 5 XXX X X 45 No Fix Accesses to the CP15 ID register with opcode2 > 0b001 returns unpredictable values 6 XXX X X 45 No Fix Disabling and re-enabling the MMU can hang the core or cause it to execute the wrong code 7 XXX X X 46 No Fix Updating the JTAG parallel registers requires an extra TCK rising edge 8 XXX X X 46 No Fix Non-branch instruction in vector table may execute twice after a thumb mode exception |