| データシートサーチシステム |
|
PIC16F87 データシート(PDF) 63 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F87 データシート(HTML) 63 Page - Microchip Technology |
|
63 / 230 page ![]() 2002-2013 Microchip Technology Inc. DS30487D-page 63 PIC16F87/88 FIGURE 5-12: BLOCK DIAGRAM OF RB4/SCK/SCL PIN Data Latch From other RBPU(2) P VDD I/O pin(1) Q D CK Q D CK QD EN QD EN Data Bus WR WR Set RBIF TRIS Latch RD TRISB RD PORTB RB7:RB4 pins Weak Pull-up RD PORTB Latch TTL Input Buffer Q3 Q1 PORTB Note 1: I/O pins have diode protection to VDD and VSS. 2: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit. 3: The SCL Schmitt conforms to the I2C™ specification. SCK SCK/SCL 1 0 Port/SSPEN SCL(3) P N VSS VDD SCL Drive TRISB |