| データシートサーチシステム |
|
FV16KM104 データシート(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
FV16KM104 データシート(HTML) 21 Page - Microchip Technology |
|
21 / 336 page ![]() C1OUT 17 25 22 14 15 17 25 22 14 15 O — Comparator 1 Output C2INA — 5 2 22 24 — 5 2 22 24 I ANA Comparator 2 Input A (+) C2INB — 4 1 21 23 — 4 1 21 23 I ANA Comparator 2 Input B (-) C2INC — 7 4 24 26 — 7 4 24 26 I ANA Comparator 2 Input C (+) C2IND — 6 3 23 25 — 6 3 23 25 I ANA Comparator 2 Input D (-) C2OUT — 20 17 7 7 — 16 13 43 47 O — Comparator 2 Output C3INA — 26 23 15 16 — 26 23 15 16 I ANA Comparator 3 Input A (+) C3INB — 25 22 14 15 — 25 22 14 15 I ANA Comparator 3 Input B (-) C3INC — 227 19 21 — 227 19 21 I ANA Comparator 3 Input C (+) C3IND — 4 1 21 23 — 4 1 21 23 I ANA Comparator 3 Input D (-) C3OUT — 17 14 44 48 — 17 14 44 48 O — Comparator 3 Output CLC1O 1318 15 1 1 1318 15 1 1 O — CLC 1 Output CLC2O — 19 16 6 6 — 19 16 6 6 O — CLC 2 Output CLCINA 9 14 11 41 45 9 14 11 41 45 I ST CLC External Input A CLCINB 10 15 12 42 46 10 15 12 42 46 I ST CLC External Input B CLKI 7 9 6 30 33 7 9 6 30 33 I ANA Primary Clock Input CLKO 8 10 7 31 34 8 10 7 31 34 O — System Clock Output CN0 10 12 9 34 37 10 12 9 34 37 I ST Interrupt-on-Change Inputs CN1 9 11 8 33 36 9 11 8 33 36 I ST Interrupt-on-Change Inputs CN2 2 2 27 19 21 2 2 27 19 21 I ST Interrupt-on-Change Inputs CN3 3 3 28 20 22 3 3 28 20 22 I ST Interrupt-on-Change Inputs CN4 4 4 1 21 23 4 4 1 21 23 I ST Interrupt-on-Change Inputs CN5 5 5 2 22 24 5 5 2 22 24 I ST Interrupt-on-Change Inputs CN6 6 6 3 23 25 6 6 3 23 25 I ST Interrupt-on-Change Inputs CN7 — 7 4 24 26 — 7 4 24 26 I ST Interrupt-on-Change Inputs CN8 14 20 17 7 7 — — — — — I ST Interrupt-on-Change Inputs CN9 — 19 16 6 6 — 19 16 6 6 I ST Interrupt-on-Change Inputs CN10 — — — 27 29 — — — 27 29 I ST Interrupt-on-Change Inputs CN11 18 26 23 15 16 18 26 23 15 16 I ST Interrupt-on-Change Inputs CN12 17 25 22 14 15 17 25 22 14 15 I ST Interrupt-on-Change Inputs TABLE 1-5: PIC24FV16KM204 FAMILY PINOUT DESCRIPTION (CONTINUED) Function FFV I/O Buffer Description Pin Number Pin Number 20-Pin PDIP/ SSOP/ SOIC 28-Pin PDIP/ SSOP/ SOIC 28-Pin QFN 44-Pin QFN/ TQFP 48-Pin UQFN 20-Pin PDIP/ SSOP/ SOIC 28-Pin PDIP/ SSOP/ SOIC 28-Pin QFN 44-Pin QFN/ TQFP 48-Pin UQFN Legend: ANA = Analog level input/output, ST = Schmitt Trigger input buffer, I2C™ = I2C/SMBus input buffer |