| データシートサーチシステム |
|
TCM809 データシート(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TCM809 データシート(HTML) 2 Page - Microchip Technology |
|
2 / 16 page ![]() TCM809/TCM810 DS21661E-page 2 2001-2012 Microchip Technology Inc. 1.0 ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings† Supply Voltage (VDD to GND) ........................................................6.0V RESET, RESET ................................................... -0.3V to (VDD +0.3V) Input Current, VDD.......................................................................20 mA Output Current, RESET, RESET.................................................20 mA dV/dt (VDD)........................................................................... 100V/µsec Operating Temperature Range ...................................-40°C to +125°C Power Dissipation (TA = 70°C): 3-Pin SOT-23B (derate 4 mW/°C above +70°C) ....................320 mW 3-Pin SC-70 (derate 2.17 mW/°C above +70°C)....................174 mW Storage Temperature Range .......................................-65°C to +150°C Maximum Junction Temperature, T J............................................ 150°C † Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. ELECTRICAL CHARACTERISTICS VDD = Full Range, TA = Operating Temperature Range, unless otherwise noted. Typical values are at TA = +25°C, VDD = 5V for L/M/J, 3.3V for T/S, 3.0V for R and 2.5V for Z (Note 1). Parameter Sym Min Typ Max Units Test Conditions VDD Range 1.0 — 5.5 V TA = 0°C to +70°C 1.2 — 5.5 TA = – 40°C to +125°C Supply Current ICC —12 30 µA TCM8xxL/M/J: VDD < 5.5V —9 25 TCM8xxR/S/T/Z: VDD < 3.6V Reset Threshold (Note 2) VTH 4.56 4.63 4.70 V TCM8xxL: TA = +25°C 4.50 — 4.75 TA = – 40°C to +125°C 4.31 4.38 4.45 V TCM8xxM: TA = +25°C 4.25 — 4.50 V TA = – 40°C to +125°C 3.93 4.00 4.06 V TCM809J: TA = +25°C 3.89 — 4.10 V TA = – 40°C to +125°C 3.04 3.08 3.11 V TCM8xxT: TA = +25°C 3.00 — 3.15 V TA = – 40°C to +125°C 2.89 2.93 2.96 V TCM8xxS: TA = +25°C 2.85 — 3.00 V TA = – 40°C to +125°C 2.59 2.63 2.66 V TCM8xxR: TA = +25°C 2.55 — 2.70 V TA = – 40°C to +125°C 2.28 2.32 2.35 V TCM8xxZ: TA = +25°C 2.25 — 2.38 V TA = – 40°C to +125°C Reset Threshold Tempco — 30 — ppm/°C VDD to Reset Delay, — 65 — µsec VDD = VTH to (VTH – 100 mV) (Note 2) Reset Active Time Out Period 140 320 560 msec RESET Output Voltage Low (TCM809) VOL —— 0.3 V TCM809R/S/T/Z: VDD = VTH min, ISINK = 1.2 mA —— 0.4 TCM809L/M/J: VDD = VTH min, ISINK = 3.2 mA —— 0.3 VDD > 1.0V, ISINK = 50 µA RESET Output Voltage High (TCM809) VOH 0.8 VDD —— V TCM809R/S/T/Z: VDD > VTH max, ISOURCE = 500 µA VDD – 1.5 — — TCM809L/M/J: VDD > VTH max, ISOURCE = 800 µA RESET Output Voltage Low (TCM810) VOL —— 0.3 V TCM810R/S/T/Z:VDD = VTH max, ISINK = 1.2 mA —— 0.4 TCM810L/M: VDD = VTH max, ISINK = 3.2 mA RESET Output Voltage High (TCM810) VOH 0.8 VDD —— V 1.8 < VDD < VTH min, ISOURCE = 150 µA Note 1: Production testing done at T A = +25°C, overtemperature limits ensured by QC screen. 2: RESET output for TCM809, RESET output for TCM810. |