| データシートサーチシステム |
|
PDBFS330 データシート(PDF) 6 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
PDBFS330 データシート(HTML) 6 Page - Cooper Bussmann, Inc. |
|
6 / 23 page ![]() 2A1279 accessory ordered separately. For interlocking two or more blocks on a DIN Rail, insert male dove tail part number 2A1279 into the female dove tail opening. Fully insert male dove tail to interlock blocks. DIN Rail Mounting PDBFS204, PDBFS220, PDBFS303, PDBFS377, and PDBFS500 only. Panel Mounting Capable on all part numbers OR DIN Rail anchors are required on each side of block or blocks. Anchors must be used to prevent damage to the plastic housing when tightening terminals. Close the latch Hook load side onto 35mm DIN RAIL Open the latch using screwdriver Use 2 screws for mounting each pole (#10 or M5 screw) (4 screws for PDBFS504) Rotate PDB down Series PDBFS Enclosed Power Distribution Blocks 1011 SB-BU09622 Page 6 of 23 Data Sheet 1049 |