| データシートサーチシステム |
|
MCP2140 データシート(PDF) 37 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2140 データシート(HTML) 37 Page - Microchip Technology |
|
37 / 58 page ![]() 2003-2012 Microchip Technology Inc. Preliminary DS21790B-page 37 MCP2140 FIGURE 4-10: LOW POWER WAVEFORM TABLE 4-10: LOW POWER REQUIREMENTS AC Specifications Electrical Characteristics: Standard Operating Conditions (unless otherwise specified): Operating Temperature: -40 C TA +85C (industrial) Operating Voltage VDD range is described in Section 4.1 Param. No. Sym Characteristic Min Typ Max Units Conditions IR140 TRXPD2OSC RXPD pulse edge to valid device oscillator (1) — — 4 ms Note 1: At 9600 Baud, 4 ms is 4 bytes (of the 11 byte repeated SOF character). This allows the MCP2140 to recognize a SOF character and properly receive the IR packet. OSC1 RXPD IR140 RXPDREF |