データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPDV1225RG データシート(PDF) 4 Page - STMicroelectronics

部品番号 TPDV1225RG
部品情報  25 A high voltage Triacs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TPDV1225RG データシート(HTML) 4 Page - STMicroelectronics

  TPDV1225RG Datasheet HTML 1Page - STMicroelectronics TPDV1225RG Datasheet HTML 2Page - STMicroelectronics TPDV1225RG Datasheet HTML 3Page - STMicroelectronics TPDV1225RG Datasheet HTML 4Page - STMicroelectronics TPDV1225RG Datasheet HTML 5Page - STMicroelectronics TPDV1225RG Datasheet HTML 6Page - STMicroelectronics TPDV1225RG Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Characteristics
TPDVxx25
4/7
Doc ID 18268 Rev 2
Figure 9.
Safe turn-off operating area
Figure 5.
Relative variation of gate trigger
current and holding current versus
junction temperature
Figure 6.
Non repetitive surge peak on-state
current versus number of cycles
I,I ,I [T ] /
GT H L
j
I
,I ,I [T =25°C]
GT H L
j
T (°C)
j
IGT
IH & IL
2.5
2
1.5
1
0.5
0
-20
-30
-40
0
10
-10
20
40
30
50
60
70
80
90 100 110 120 130
I
(A)
TSM
Number of cycles
T initial=25°C
j
200
150
100
50
0
1
10
100
1000
One cycle
t = 20 ms
Figure 7.
Non-repetitive surge peak on-state
current for a sinusoidal pulse and
corresponding values of I2t
Figure 8.
On-state characteristics (maximum
values)
I
(A), I t (A s)
TSM
22
t (ms)
p
I t
2
ITSM
T initial = 25°C
j
100
1000
1
2
510
I
(A)
TM
1000
100
10
1
12
3
4
5
6
V
(V)
TM
V =1.1V
R =19m
T max.:
j
t0
d
Ω
Tj=max
T =25°C
j
(dV/dt)c(V/µs)
1000
100
10
1
(dI/dt)c(A/ms)
T initial = 25°C
j
1
10
100



Html Pages

1 2 3 4 5 6 7