| データシートサーチシステム |
|
MCP2155 データシート(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2155 データシート(HTML) 17 Page - Microchip Technology |
|
17 / 52 page ![]() 2001-2013 Microchip Technology Inc. Preliminary DS21690B-page 17 MCP2155 FIGURE 2-10: CONNECTION SEQUENCE Normal Disconnect Mode (NDM) Send XID Commands (timeslots n, n+1, ...) No Response XID Response in timeslot y Finish sending XIDs (max timeslots - y frames) Broadcast ID No Response to these XIDs (claiming this timeslot) No Response to Broadcast ID Primary Device Secondary Device Discovery Normal Response Mode (NRM) Send SNRM Command (w/ parameters and connection address) Open channel for IAS Queries Send IAS Queries Open channel for data Send Data or Status Shutdown link UA response with parameters using connect address Confirm channel open for IAS Provide IAS responses Confirm channel open for data Send Data or Status Confirm shutdown (back to NDM state) (approximately 70ms between XID commands) Send Data or Status Send Data or Status 21690B.book Page 17 Thursday, January 10, 2013 1:06 PM |