データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP87018 データシート(PDF) 6 Page - Microchip Technology

部品番号 MCP87018
部品情報  High-Speed N-Channel Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP87018 データシート(HTML) 6 Page - Microchip Technology

Back Button MCP87018 Datasheet HTML 2Page - Microchip Technology MCP87018 Datasheet HTML 3Page - Microchip Technology MCP87018 Datasheet HTML 4Page - Microchip Technology MCP87018 Datasheet HTML 5Page - Microchip Technology MCP87018 Datasheet HTML 6Page - Microchip Technology MCP87018 Datasheet HTML 7Page - Microchip Technology MCP87018 Datasheet HTML 8Page - Microchip Technology MCP87018 Datasheet HTML 9Page - Microchip Technology MCP87018 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MCP87018
DS22329A-page 6
 2013 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
MCP87018
5x6 PDFN
Symbol
Description
1, 2, 3
S
Source pin
4G
Gate pin
5, 6, 7, 8
D
Drain pin, including exposed thermal pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14