データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SST38VF6402B データシート(PDF) 39 Page - Microchip Technology

部品番号 SST38VF6402B
部品情報  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6402B データシート(HTML) 39 Page - Microchip Technology

Back Button SST38VF6402B Datasheet HTML 35Page - Microchip Technology SST38VF6402B Datasheet HTML 36Page - Microchip Technology SST38VF6402B Datasheet HTML 37Page - Microchip Technology SST38VF6402B Datasheet HTML 38Page - Microchip Technology SST38VF6402B Datasheet HTML 39Page - Microchip Technology SST38VF6402B Datasheet HTML 40Page - Microchip Technology SST38VF6402B Datasheet HTML 41Page - Microchip Technology SST38VF6402B Datasheet HTML 42Page - Microchip Technology SST38VF6402B Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
 2013 Microchip Technology Inc.
Preliminary
DS25002B-page 39
SST38VF6401B / SST38VF6402B / SST38VF6403B / SST38VF6404B
FIGURE 6-20:
WRITE-BUFFER PROGRAMMING
25002 F25.2
Start
Load data: XXAAH
Address: 555H
Load data: XX55H
Address: 2AAH
Load data: XX25H
Address: BA
Wait for
end of Program
Program
Complete
Load data: WC
Address: BA
Load data: Data
Address: WA
Program Buffer
to Flash
Load data: XX29H
Address: BA
Is Data
Load
complete?
Yes
No
Keep writing
to buffer
Note: BA= Block Address
WC = Word Count
WA = Address of word to program
All subsequent Address values (WAX) in Write Cycle 6 and later must have the same A21-A4 as WAX in Write
Cycle 5.
X can be VIL or VIH, but no other value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58