| データシートサーチシステム |
|
TC642B データシート(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC642B データシート(HTML) 12 Page - Microchip Technology |
|
12 / 36 page ![]() TC642B/TC647B DS21756C-page 12 2002-2013 Microchip Technology Inc. By modulating the voltage applied to the gate of the MOSFET (QDRIVE), the voltage that is applied to the fan is also modulated. When the VOUT pulse is high, the gate of the MOSFET is turned on, pulling the voltage at the drain of QDRIVE to zero volts. This places the full 12V across the fan for the ton period of the pulse. When the duty cycle of the drive pulse is 100% (full on, ton = t), the fan will run at full speed. As the duty cycle is decreased (pulse on time “ton” is lowered), the fan will slow down proportionally. With the TC642B and TC647B devices, the duty cycle is controlled by either the VIN or VMIN input, with the higher voltage setting the duty cycle. This is described in more detail in Section 5.5, “Output Drive Device Selection”. 4.3 Fan Start-up Often overlooked in fan speed control is the actual start- up control period. When starting a fan from a non-oper- ating condition (fan speed is zero revolutions per minute (RPM)), the desired PWM duty cycle or average fan voltage can not be applied immediately. Since the fan is at a rest position, the fan’s inertia must be overcome to get it started. The best way to accomplish this is to apply the full rated voltage to the fan for a minimum of one second. This will ensure that in all operating environ- ments, the fan will start and operate properly. An exam- ple of the start-up timing is shown in Figure 1-1. A key feature of the TC642B/TC647B device is the start-up timer. When power is first applied to the device, (when the device is brought out of the shutdown mode of operation) the VOUT output will go to a high state for 32 PWM cycles (one second for CF = 1 F). This will drive the fan to full speed for this time-frame. During the start-up period, the SENSE pin is being monitored for fan pulses. If pulses are detected during this period, the fan speed controller will then move to PWM operation (see Section 4.5, “Minimum Fan Speed”, for more details on operation when coming out of start-up). If pulses are not detected during the start- up period, the start-up timer is activated again. If pulses are not detected at the SENSE pin during this addi- tional start-up period, the FAULT output will go low to indicate that a fan fault condition has occurred. See Section 4.7, “FAULT Output”, for more details. 4.4 PWM Frequency & Duty Cycle Control (CF & VIN Pins) The frequency of the PWM pulse train is controlled by the CF pin. By attaching a capacitor to the CF pin, the frequency of the PWM pulse train can be set to the desired value. The typical PWM frequency for a 1.0 F capacitor is 30 Hz. The frequency can be adjusted by raising or lowering the value of the capacitor. The CF pin functions as a ramp generator. The voltage at this pin will ramp from 1.20V to 2.60V (typically) as a saw- tooth waveform. An example of this is shown in Figure 4-3. FIGURE 4-3: CF Pin Voltage. The duty cycle of the PWM output is controlled by the voltage at the VIN input pin (or the VMIN voltage, which- ever is greater). The duty cycle of the PWM output is produced by comparing the voltage at the VIN pin to the voltage ramp at the CF pin. When the voltage at the VIN pin is 1.20V, the duty cycle will be 0%. When the volt- age at the VIN pin is 2.60V, the PWM duty cycle will be 100% (these are both typical values). The VIN to PWM duty cycle relationship is shown in Figure 4-4. The lower value of 1.20V is referred to as VCMIN and the 2.60V threshold is referred to as VCMAX. A calcula- tion for duty cycle is shown in the equation below. The voltage range between VCMIN and VCMAX is character- ized as VCSPAN and has a typical value of 1.4V with minimum and maximum values of 1.3V and 1.5V, respectively. EQUATION PWM DUTY CYCLE 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 0 20406080 100 Time (msec) CF = 1 µF VCMAX VCMIN Duty Cycle (%) = VCMAX - VCMIN (VIN - VCMIN) * 100 |