データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC682EOA データシート(PDF) 9 Page - Microchip Technology

部品番号 TC682EOA
部品情報  Inverting Voltage Doubler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC682EOA データシート(HTML) 9 Page - Microchip Technology

Back Button TC682EOA Datasheet HTML 5Page - Microchip Technology TC682EOA Datasheet HTML 6Page - Microchip Technology TC682EOA Datasheet HTML 7Page - Microchip Technology TC682EOA Datasheet HTML 8Page - Microchip Technology TC682EOA Datasheet HTML 9Page - Microchip Technology TC682EOA Datasheet HTML 10Page - Microchip Technology TC682EOA Datasheet HTML 11Page - Microchip Technology TC682EOA Datasheet HTML 12Page - Microchip Technology TC682EOA Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
 2002-2012 Microchip Technology Inc.
DS21453D-page 9
TC682
6.3
Package Dimensions
3° Min.
Pin 1
.260 (6.60)
.240 (6.10)
.045 (1.14)
.030 (0.76)
.070 (1.78)
.040 (1.02)
.400 (10.16)
.348 (8.84)
.200 (5.08)
.140 (3.56)
.150 (3.81)
.115 (2.92)
.110 (2.79)
.090 (2.29)
.022 (0.56)
.015 (0.38)
.040 (1.02)
.020 (0.51)
.015 (0.38)
.008 (0.20)
.310 (7.87)
.290 (7.37)
.400 (10.16)
.310 (7.87)
8-Pin Plastic DIP
Dimensions: inches (mm)
Note:
For the most current package drawings, please see the Microchip Packaging Specification located
at http://www.microchip.com/packaging
.050 (1.27) Typ.
8
° Max.
Pin 1
.244 (6.20)
.228 (5.79)
.157 (3.99)
.150 (3.81)
.197 (5.00)
.189 (4.80)
.020 (0.51)
.013 (0.33)
.010 (0.25)
.004 (0.10)
.069 (1.75)
.053 (1.35)
.010 (0.25)
.007 (0.18)
.050 (1.27)
.016 (0.40)
8-Pin SOIC
Dimensions: inches (mm)
Note:
For the most current package drawings, please see the Microchip Packaging Specification located
at http://www.microchip.com/packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14