データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD834JRZ-R7 データシート(PDF) 4 Page - Analog Devices

部品番号 AD834JRZ-R7
部品情報  500 MHz Four-Quadrant Multiplier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD834JRZ-R7 データシート(HTML) 4 Page - Analog Devices

  AD834JRZ-R7 Datasheet HTML 1Page - Analog Devices AD834JRZ-R7 Datasheet HTML 2Page - Analog Devices AD834JRZ-R7 Datasheet HTML 3Page - Analog Devices AD834JRZ-R7 Datasheet HTML 4Page - Analog Devices AD834JRZ-R7 Datasheet HTML 5Page - Analog Devices AD834JRZ-R7 Datasheet HTML 6Page - Analog Devices AD834JRZ-R7 Datasheet HTML 7Page - Analog Devices AD834JRZ-R7 Datasheet HTML 8Page - Analog Devices AD834JRZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD834
Data Sheet
Rev. F | Page 4 of 20
Parameters
Conditions
Min
Typ
Max
Unit
POWER SUPPLIES
Operating Range
±4
±9
V
Quiescent Current6
TMIN to TMAX
+VS
11
14
mA
–VS
28
35
mA
1
Error is defined as the maximum deviation from the ideal output, and expressed as a percentage of the full-scale output. See Figure 16.
2
Both supplies taken simultaneously; sinusoidal input at f ≤10 kHz.
3
Linearity is defined as residual error after compensating for input offset voltage, output offset current, and scaling current errors.
4
Bandwidth is guaranteed when configured in squarer mode. See Figure 12.
5
Sine input; relative to full-scale output; zero input port nulled; represents feedthrough of the fundamental.
6
Negative supply current is equal to the sum of positive supply current, the signal currents into each output, W1 and W2, and the input bias currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20