データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7621 データシート(PDF) 25 Page - Analog Devices

部品番号 AD7621
部品情報  16-Bit, 2 LSB INL, 3 MSPS PulSAR짰 ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7621 データシート(HTML) 25 Page - Analog Devices

Back Button AD7621 Datasheet HTML 21Page - Analog Devices AD7621 Datasheet HTML 22Page - Analog Devices AD7621 Datasheet HTML 23Page - Analog Devices AD7621 Datasheet HTML 24Page - Analog Devices AD7621 Datasheet HTML 25Page - Analog Devices AD7621 Datasheet HTML 26Page - Analog Devices AD7621 Datasheet HTML 27Page - Analog Devices AD7621 Datasheet HTML 28Page - Analog Devices AD7621 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
AD7621
Rev. 0 | Page 25 of 32
SCLK
SDOUT
D15
D14
D1
D0
D13
X15
X14
X13
X1
X0
Y15
Y14
BUSY
SDIN
INVSCLK = 0
X15
X14
X
12
3
14
15
16
17
18
EXT/INT = 1
CS
RD = 0
t33
t16
t34
t31
t32
t35
t36 t37
Figure 40. Slave Serial Data Timing for Reading (Read After Convert)
SDOUT
SCLK
D1
D0
X
D15
D14
D13
12
3
14
15
16
BUSY
EXT/INT = 1
INVSCLK = 0
CNVST
CS
RD = 0
t16
t31
t32
t35
t3
t36
t37
Figure 41. Slave Serial Data Timing for Reading (Read Previous Conversion During Convert)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32